Part Number Hot Search : 
IRFF430R AL8807A DD870 HEF4019B A9108 B66305 FAN7530 74LS43
Product Description
Full Text Search
 

To Download 1N6302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
1.5KE6.8 THRU 1.5KE440CA
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 6.8 to 440 Volts PEAK PULSE POWER - 1500 Watts
FEATURES
* Glass passivated junction * 1500 Watts Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Low zener impedance * Fast response time
DO-201
MECHANICAL DATA
Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes positive end (cathode) except bidirectional types * Mounting position: Any * Weight: 1.2 gram * * * *
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. 1.5KE6.8C, 1.5KE440CA) Electrical characteristics apply in both directions
SYMBOL Peak Pulse Power Dissipation on 10/1000 us waveform (Note1,FIG.1) Steady State Power Dissipation at TL = 75 C Lead Lengths .375*( 9.5 mm ) ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load( JEDEC Method ) (Note 3) Maximum Instantaneous Forward Voltage at 50A for unidirectional only ( Note 4 ) Operating and Storage Temperature Range IFSM 200 Amps PM(AV) 5.0 Watts
o
VALUE Minimum 1500
UNITS Watts
PPPM
VF TJ, TSTG
3.5/5.0 -55 to + 175
Volts
0
C
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig.2. 2. Mounted on Copper Leaf area of 1.6 X 1.6"( 40 X 40mm ) per Fig. 5 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. 4. VF = 3.5V max. for devices of V(BR) 200V and VF = 5.0 V max. for devices of V(BR) > 200V.
176
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES ( 1.5KE6.8 THRU 1.5KE440CA )
DC COMPONENTS CO., LTD.
R
177
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
1.5KW (1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
JEDEC PART NUMBER
1.5KE6.8 1.5KE6.8A 1.5KE7.5 1.5EK7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5EK10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 15.KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5.KE43 1.5.KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A 1N6267 1N6267A 1N6268 1N6268A 1N6269 1N6269A 1N6270 1N6270A 1N6271 1N6271A 1N6272 1N6272A 1N6273 1N6273A 1N6274 1N6274A 1N6275 1N6275A 1N6276 1N6276A 1N6277 1N6277A 1N6278 1N6278A 1N6279 1N6279A 1N6280 1N6280A 1N6281 1N6281A 1N6282 1N6282A 1N6283 1N6283A 1N6284 1N6284A 1N6285 1N6285A 1N6286 1N6286A 1N6287 1N6287A 1N6288 1N6288A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.3 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 139 142 128 132 120 124 109 112 100 103 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 35.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1
DC COMPONENTS CO., LTD.
R
178
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
1.5KW (1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
JEDEC PART NUMBER
1.5KE56 1.5KE56A 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1,5KE160A 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 15.KE250A 1.5KE300 1.5KE300A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A 1N6289 1N6289A 1N6290 1N6290A 1N6291 1N6291A 1N6292 1N6292A 1N6293 1N6293A 1N6294 1N6294A 1N6295 1N6295A 1N6296 1N6296A 1N6297 1N6297A 1N6298 1N6298A 1N6299 1N6299A 1N6300 1N6300A 1N6301 1N6301A 1N6302 1N6302A 1N6303 1N6303A 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 61.6 58.8 68.2 65.1 74.8 71.4 82.8 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 339 315 385 368 440 420 484 462 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.21 5.5 4.3 4.6 5.0 5.0 5.0 5.0 5.0 4.0 4.0 4.0 2.3 2.3 80 77 89 85 98 92 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 572 548 630 600
N O T E S : 1.VBR measured after IT applied for 300s. IT= Square Wave Pulse or equivalent. 2.For bidirectonal use C or CA suffixs for all types (ex. 1.5KE6.8C, 1.5KE440CA). electrical characteristics apply in both directions. 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
DC COMPONENTS CO., LTD.
R
179
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of 1N6302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X